PART |
Description |
Maker |
ISL85402 ISL85402EVAL1Z ISL85402IRZ |
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
|
Intersil Corporation
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
FAN210308 FAN2103 FAN2103EMPX FAN2103MPX |
TinyBuck 3A, 24V Input, Integrated Synchronous Buck Regulator TinyBuck⑩ 3A, 24V Input, Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
LTC1708-PG LTC1708EG-PG 1708I |
Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller From old datasheet system Dual Adjustable 5-Bit VID High Efficiency/ 2-Phase Current Mode Synchronous Buck Regulator Controller Dual Adjustable 5-Bit VID Synchronous Buck Regulator Controller
|
LINER[Linear Technology]
|
IR3865MPBF |
SYNCHRONOUS BUCK REGULATOR
|
International Rectifier
|
MIC2177-3.3YWM |
2.5A Synchronous Buck Regulator
|
Micrel Semiconductor
|
ADP3051ARMZ-REEL7 ADP3051 |
500 mA Synchronous Buck Switching Regulator 500 MA PWM STEP-DOWN DC-DC WITH SYNCHRONOUS RECTIFIER
|
Analog Devices
|
AOZ1253 |
3A EZBuck Synchronous Buck Regulator
|
Alpha & Omega Semiconductors
|
AOZ1252 |
2A EZBuck Synchronous Buck Regulator
|
Alpha & Omega Semiconductors
|
NCP1597B NCP1597BMNTWG NCP1597BMNTXG |
1 MHz, 2 A Synchronous Buck Regulator
|
ON Semiconductor
|